PART |
Description |
Maker |
NTD12N10-1G NTD12N10G |
Power MOSFET 12 Amps, 100 Volts; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 12 A, 100 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
NTF6P02T3 NTF6P02T3-D NTF6P02T3G NTF6P02T3/D |
Receptacle With A Wire Wrap Tail NTF6P02T3 Power MOSFET -6.0 Amps, -20 Volts P?Channel SOT23(-6.0A,-20V,P通道,SOT-23封装的功率MOSFET) 10 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET -6.0 Amps, -20 Volts P??annel SOT?23 Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223 20V P-ch HD3e SOT223
|
ONSEMI ON Semiconductor
|
7N10G-TN3-R 7N10L-AA3-R 7N10L-TN3-R 7N10G-AA3-R |
7 Amps, 100 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
MTB40N10E-D |
Power MOSFET 40 Amps, 100 Volts N-Channel D2PAK
|
ON Semiconductor
|
MTD6P10E-D |
Power MOSFET 6 Amps, 100 Volts P-Channel DPAK
|
ON Semiconductor
|
MTP40N10E-D |
Power MOSFET 40 Amps, 100 Volts N-Channel TO-220
|
ON Semiconductor
|
MTP10N10EL-D |
Power MOSFET 10 Amps, 100 Volts, Logic Level N-Channel TO-220
|
ON Semiconductor
|
NTB45N06 NTB45N06T4 NTP45N06 NTP45N06_D NTP45N06D |
Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK Power MOSFET 45 Amps / 60 Volts Power MOSFET 45 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 45 Amps, 60 Volts 功率MOSFET四十五安培,60伏特
|
ONSEMI[ON Semiconductor]
|
NTMD2P01R2 NTMD2P01R2-D |
Power MOSFET -2.3 Amps, -16 Volts Dual SO-8 Package Power MOSFET -2.3 Amps, -16 Volts Dual SO Package(-2.3A16V,双通道SO-8封装的功率MOSFET) 2.3 A, 16 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
|